Part Number Hot Search : 
3EZ400D5 XO5140 1N4982C SFR602 ADM7150 TFS77B CPH6501 BD9130NV
Product Description
Full Text Search
 

To Download EHF-105-01-L-D-SM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (1,27mm) .050" shf, eshf, ehf, ecf series shf?110?01?l?d?ra eshf?125?01?l?d?th?lc eshf?105?01?l?d?sm ehf?125?01?l?d?sm?lc ehf?110?01?f?d?sm?lc ehf?105?01?f?d?sm www.samtec.com (0,41) .016 sq (5,33) .210 (5,46) .215 (5,85) .230 (1,91) .075 a 02 04 01 03 (1,27) .050 typ (1,89) .075 (1,27) .050 (1,27) .050 f-211 shf, eshf mates with: ffsd, fftp (shf) ehf mates with: ffsd*, fftp for complete speci cations see www.samtec.com?shf, www.samtec.com?eshf or www.samtec.com?ehf insulator material: black liquid crystal polymer terminal material: phosphor bronze plating: sn or au over 50? (1,27?) ni current rating: shf & eshf = 3a @ 80? ambient ehf =1.75a @ 80? ambient operating temp range: -55? to +125? rohs compliant: ye s processing: lead?free solderable: ye s smt lead coplanarity: (0,10mm) .004" max rohs compliant: ye s 1 no. pins per row d 01 other option plating option type strip 05, 08, 10, 13, 17, 20, 25 shf = mates with ffsd without strain relief eshf = mates with ffsd with strain relief tail style ?th =through- hole ?ra = right angle ?sm = surface mount ?l = 10" (0,25m) gold on post, matte tin on tail ?lc = locking clip (not available with ?ra) (manual placement required) ?tr = tape & reel packaging ?k = (6,50mm) .256" dia polyimide film pick & place pad (?sm only) ?ra ?s m ?th ?sm ?ra ?th specifications shrouded & ejector idc header ehf 1 no. pins per row 01 d plating option 05, 08, 10, 13, 17, 20, 25 ?f = gold ? ash on post, matte tin on tail ?l = 10" (0,25m) gold on post, matte tin on tail note: some lengths , styles and options are non-standard, non-returnable. *important note: ehf will not mate to ffsd with strain relief (-sr option), see eshf series. other option ??xx? = polarized position (?ra not available) ?lc = locking clip (?sm only) (manual placement required) ?k = (7,50mm) .295" dia polyimide film pick & place pad ?p = pick & place pad (?sm only) ?tr = tape & reel packaging (?lc not available) tail option leave blank for through- hole version ?sm = surface mount ?ra =right angle ?ra ?s m ?th 01 02 no. of positions x (1,27) .050 + (14,48) .570 no. of positions x (1,27) .050 + (7,37) .290 (0,41) .016 sq (3,05) .120 (1,52) .060 (3,05) .120 (8,26) .325 (11,30) .445 (7,52) .296 (8,51) .335 (6,67) .263 (1,27) .050 (2,72) .107 (1,27) .050 (1,27) .050 (2,29) .090 ?sm ?ra ?th ecf 05, 08, 10, 13, 17, 20, 25 ejector header cap (locks ffsd cable to ehf header) no. pins per row no. of positions x (1,27) .050 + (18,03) .710 (8,76) .345 (9,65) .380 type strip a shf no. of pins x (1,27) .050 + (6,35) .250 eshf no. of pins x (1,27) .050 + (10,16) .400


▲Up To Search▲   

 
Price & Availability of EHF-105-01-L-D-SM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X